|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
C/A-4880X 1.5 INCH, 8 X 8 DOT MATRIX DISPLAY Shape Part No. Common Common Cathode Anode Chip Raw Material Emitted Color Wave Length p(nm) Electro-Optical Characteristics Vf(V)20mA Iv(ucd)10mA Typ. Max. Typ. Fig. No. C-4880H C-4880E C-4880G C-4880Y C-4880SR A-4880H A-4880E A-4880G A-4880Y A-4880SR GaP GaAsP/GaP GaP GaAsP/GaP GaAlAs Red Hi.effi Red Green Yellow Super Red 700 635 565 585 660 2.1 2.0 2.1 2.1 1.8 2.8 2.8 2.8 2.8 2.4 800 3600 3400 3400 10000 D89 Fig.D89 1.All dimension are in millimeters (inches). 2.Tolerance is 0.25 mm (0.01") unless otherwise specified. |
Price & Availability of C-4880Y |